PART |
Description |
Maker |
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
STR-A6159 STR-A6151 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Universal-Input/13 or 16 W Flyback Switching Regulators
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
PSL486-7R SL486 PSL126-7R PSL128-7R PSL129-2R PSL1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK TVS UNI-DIR 24V 1500W DO-201 6...12 A Switching Regulators
|
POWER-ONE[Power-One]
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SI9139DG-1815 BD9401FM-E2 CAT660CPA BD9011KV-E2 AP |
Current Mode PWM Controllers Dual Pwr-Supply Ctrl 1.8 and 1.5V Linear Regulators - Standard POWER SUPPLY IC Switching Converters, Regulators & Controllers Com Temp 100mA Out Switching Converters, Regulators & Controllers Step Down; 2 Outputs 150KHz, 2A PWM Buck DC/DC Converter 150kHz的,甲的PWM降压DC / DC转换
|
NXP Semiconductors N.V. NEC, Corp. Intersil, Corp. Rohm Co., Ltd.
|
PSR53-7 PSA5A2-2 PSA153-2 PSA5A5-2 PSR52-7 PSR54-7 |
1...6 A Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
POWER-ONE[Power-One] http://
|
LT1105 LT1103 LT1103C LT1105C LT1105I LT1103CT7 |
4-Bit Synchronous Up/Down Binary Counters 16-SOIC 0 to 70 Offline Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
MC34166T |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 6 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor
|
LT1371HVCT7 LT1371CSW |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSFM7
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1933IS6 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.05 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|